PART |
Description |
Maker |
ST2123 |
CMOS Positive Voltage Regula tor
|
SeCoS Halbleitertechnologie GmbH
|
S5U2178 |
CMOS Low Dropout Voltage Regula tor
|
SeCoS Halbleitertechnologie GmbH
|
S5U2179 |
CMOS Low Dropout Voltage Regula tor
|
SeCoS Halbleitertechnologie GmbH
|
78M05 |
TO-252-2L Plastic-Encapsulate Voltage Regula tors
|
Jiangsu High diode Semi...
|
FS1UM-16A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Powerex Power Semiconductors Mitsubishi Electric Corporation
|
LRC12JTRWAR010 LRC10JTRWAR010 LRC06JTRWAR010 LRC12 |
Chip Current Sense / Open-Air Current Shunts / Axial Current Sense Resistors
|
Token Electronics Industry Co., Ltd.
|
LRC12JTRDAR010 LRC10JTRDAR010 LRC06JTRDAR010 LRC12 |
Chip Current Sense / Open-Air Current Shunts / Axial Current Sense Resistors
|
Token Electronics Industry Co., Ltd. Token Electronics Indus...
|
Z8913829ASC Z8913920FSC |
Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):10A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:10A; Holding Current:50mA 8-BIT MICROCONTROLLER 8位微控制
|
TOKO, Inc.
|
TA20141803DH |
SCR Thyristor; Gate Trigger Current Max, Igt:200mA; Current, It av:1800A; Package/Case:TA2; Repetitive Reverse Voltage Max, Vrrm:1400V; Current Rating:2820A RoHS Compliant: Yes
|
POWEREX INC
|
KPY32-RK Q62705-K266 |
Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:25mA; Current, It av:6A; Gate Trigger Current Max, Igt:25mA RoHS Compliant: Yes Silicon Piezoresistive Relative Pressure Sensor
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
STK10C68-S30I STK10C68-C30I |
NVRAM (EEPROM Based) Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):800mA; Gate Trigger Current (QI), Igt:10mA; Package/Case:3-TO-92; Current, It av:0.8A; Holding Current:15mA Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):10A; Gate Trigger Current (QI), Igt:25mA; Package/Case:3-TO-220; Current, It av:10A; Holding Current:35mA NVRAM中(EEPROM的基础
|
Cypress Semiconductor, Corp.
|